PART |
Description |
Maker |
BS62LV4006 BS62LV4006EC-70 BS62LV4006PC BS62LV4006 |
Very Low Power/Voltage CMOS SRAM 512K X 8 bit Very Low Power/Voltage CMOS SRAM 512K X 8 bit 非常低功电压CMOS SRAM的为512k × 8 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Asynchronous 4M(512Kx8) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
IS62WV51216BLL-55BLI IS62WV51216ALL-70XI IS62WV512 |
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 45 ns, PBGA48 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 12k × 16低电压,超低功耗的CMOS静态RAM 512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM 512K X 16 STANDARD SRAM, 55 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
NCP553SQ27T1 NCP552 NCP553SQ15T1G NCP553SQ28T1 NCP |
80 mA CMOS Low Iq NOCAP™ Voltage Regulator 80 mA CMOS Low Iq NOCAP Voltage Regulator(80mA CMOS,低IqB>NOCAP稳压 80 mA CMOS Low Iq NOCAP Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.8 V DROPOUT, PDSO4
|
http:// ONSEMI[ON Semiconductor]
|
K6F4016R4E-EF85 K6F4016R4E-F K6F4016R4E-EF70 K6F40 |
256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM 256K x 16bit Super Low Power and Low Voltage Full CMOS Static RAM Data Sheet
|
SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
BS62LV2563TC BS62LV2563TI BS62LV2563 BS62LV2563DC |
5V ECL Differential Receiver; Package: SOIC; No of Pins: 8; Container: Rail Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM32K的8 Very Low Power/Voltage CMOS SRAM 32K X 8 bit 非常低功电压CMOS SRAM2K的8
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
MC74LCX57405 MC74LCX74DG MC74LCX7405 MC74LCX86DR2G |
Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Dual D-Type Flip-Flop With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V−Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
IS62C51216AL IS62C51216AL-55MLI IS62C51216AL-55TLI |
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
EM680FV8A |
1M x 8 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc
|
FMP1617DCX |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
IS62WV12816DALL/DBLL IS65WV12816DALL/DBLL |
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
FMP1617CCX |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
K6T2008S2A |
256K X 8 Bit Low Power And Low Voltage CMOS Static RAM
|
Samsung Semiconductor
|